Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2945 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 9Page - STMicroelectronics AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics AN2945 Datasheet HTML 16Page - STMicroelectronics AN2945 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2945
System features
Doc ID 15468
13/18
3.5
Low power
On top of the core’s intrinsic low power modes, both the STM8S and STM32 devices are
able to reduce the overall consumption at system-on-chip level.
The power consumption in the Run and Wait modes can be reduced by one of the following
means:
●
Slowing down the system clocks: the consumption can thus be adjusted according to
the performance required by the application. This is done using the prescalers included
in the clock controller.
●
Gating the clocks of the peripherals when they are not used to minimize the dynamic
consumption related to the clock tree switching activity.
The two products embed regulators to supply the internal logic at 1.8 V. These regulators
have a significant operating current in Run mode (a few tens of µA) where they are able to
deliver currents in the mA or tens of mA range. In order to further reduce consumption, it is
possible to configure the regulator in low power mode, and minimize its quiescent
consumption, when the current necessary to supply the logic is in the µA range, typically
during the Halt or Stop mode. This mode offers the lowest consumption, with a wakeup time
slightly longer than the configuration using the regulator in Run mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com