Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2945 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2945
Description  Following the market launch of the award winning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2945 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2945 Datasheet HTML 10Page - STMicroelectronics AN2945 Datasheet HTML 11Page - STMicroelectronics AN2945 Datasheet HTML 12Page - STMicroelectronics AN2945 Datasheet HTML 13Page - STMicroelectronics AN2945 Datasheet HTML 14Page - STMicroelectronics AN2945 Datasheet HTML 15Page - STMicroelectronics AN2945 Datasheet HTML 16Page - STMicroelectronics AN2945 Datasheet HTML 17Page - STMicroelectronics AN2945 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Software library
AN2945
14/18
Doc ID 15468
4
Software library
Peripheral compatibility throughout ST’s STM8 and STM32 MCU families promotes platform
design and helps significantly switch from one product line to the other. When it comes to
development time, however, software support is essential. Extensive software libraries are
available for both the STM8S and STM32 devices, providing the user with a hardware
abstraction layer (HAL) for all MCU resources. Moreover, there is not a single control/status
bit that is not covered by a C function or an API.
The software library covers three abstraction levels, and it includes:
1.
a complete register address map with all bits, bit fields and registers declared in C. By
providing this map, the software library makes the designers’ task much lighter and,
even more importantly so, it gives all the benefits of a bug-free reference mapping file,
thus speeding up the early project phase.
2.
a collection of routines and data structures in API form, that covers all peripheral
functions. This collection can directly be used as a reference framework, since it also
includes macros for supporting core-related intrinsic features and common constant
and data type definition. Moreover, it is compiler agnostic and can therefore be used
with any existing or future toolchain. It was developed using the MISRA C automotive
standard.
3.
a set of examples covering all available IPs (85 examples so far for the STM32 family,
57 for the STM8S family), with template projects for the most common development
toolchains. With the appropriate hardware evaluation board, only a few hours are
needed to get started with a brand new microcontroller.
It is then up to you to choose how to use the library. You can either pick up the files useful for
the design, use examples to get trained or quickly evaluate the product. You can also use
the API to save development time.
Let us now have a look at the few key files and concepts. Two separate libraries support the
STM8S and STM32F devices. In the file names below, you simply need to replace the
“stmxxx_” prefix by “stm32f10x” or “stm8s” depending on the chosen product.
●
stmxxx_.h
This file is the only header file that must be included in the C source code, usually in
main.c. This file contains:
–
data structures and address mapping for all peripherals
–
macros to access peripheral register hardware (for bit manipulation for instance),
plus STM8S core intrinsics
–
a configuration section used to select the device implemented in the target
application. You also have the choice to use or not the peripheral drivers in the
application code (that is code based on direct access to registers rather than
through API drivers)
●
stmxxx_conf.h
This is the peripheral driver configuration file, where you specify the peripherals you
wants to use in your application, plus a few application-specific parameters such as the
crystal frequency.
●
stmxxx_it.c
This file contains the template IRQ handler to be filled, but this is already the first
development step!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com