Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3137 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 17Page - STMicroelectronics AN3137 Datasheet HTML 18Page - STMicroelectronics AN3137 Datasheet HTML 19Page - STMicroelectronics AN3137 Datasheet HTML 20Page - STMicroelectronics AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
21/42
4
Methods for precision improvement
4.1
Introduction
ADC converter precision is fixed by its principle, design and implementation but it can also
be improved by several hardware and/or software methods. Hardware methods improve
ADC results by changing the environment around the ADC (PCB design, RC filters...) to
obtain more accurate ADC output. Software methods try to improve the raw ADC results by
post-processing methods. Some CPU computation power and time are required to perform
these methods, which can be implemented in the microcontroller firmware.
4.2
Hardware methods
●
Analog zooming (use appropriate VREF voltage):
–
select reference voltage between input signal ranges
–
gives full ADC range - minimum voltage per bit
●
White noise added to measured signal:
–
wobbling of input signal over several bits gives the opportunity to use averaging (if
input signal is very stable)
–
white noise gives independence from sampling frequency
●
Good hardware design:
–
grounding
–
reference voltage filtering
–
supply filtering
–
preamplifier usage
–
frequency independence
–…
4.2.1
Analog zooming
Analog zooming is a method which improves precision by properly selecting the reference
voltage. The reference voltage is selected in the expected range of the signal to be
measured.
If the measured signal has an offset, then the reference voltage should also have a similar
offset. If the measured signal has defined maximum amplitude, then the reference voltage
should also have a similar maximum value. By matching this reference voltage to the
measurement signal range, we obtain the maximum possible resolution using the full A/D
converter output range.
An analog zooming can be performed between VSS and VREF+ if VDDA > VREF+ ≥ 2.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com