Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3137 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics AN3137 Datasheet HTML 28Page - STMicroelectronics AN3137 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
25/42
4.3.3
FFT for AC measurement
In some specific cases the application needs to know the amplitude of an AC signal with a
given frequency. In this case the effective value of an AC signal can also be obtained by
using a relatively slow sampling speed (in comparison to the measured signal frequency).
For example, when measuring an AC mains signal (which is near-to-sinusoidal and has
relatively low harmonics content), it is sufficient to choose a sampling frequency 32 times
greater than the mains frequency (50 Hz). In this case you can obtain harmonics of up to the
15th order. The amplitude of 15th harmonics in the main signal is very small (the next order
harmonics can be neglected). The calculated effective value of the mains signal is obtained
with high precision because the effective values of harmonics are added to the total AC
harmonic value as:
U
ef
U
1
2
U
2
2
… U
n
2
++
+
=
So if the 15th harmonics amplitude is only 1% (0.01) from 1st harmonics (50 Hz) then its
contribution to the total effective value will be only 0.01% (because of above equation -
square addition: 0.012 = 0.0001).
The principle of this method is therefore to sample the AC signal with a known frequency
and then perform FFT post-processing on the data of each measured period. Because the
number of sampling points per measured signal period is small (32 points for example) then
the performance needed for FFT processing is not so high (only 32-point FFT for example).
If there is no requirement for real-time processing, for example, with a stable input signal
shape, and measuring only one period per second, as in the case of the mains signal, then
FFT can be calculated even by an 8-bit microcontroller.
Advantages: this method is good for AC measurement of a stable input signal. The
disadvantage is the requirement for precise signal sampling. The frequency of the measured
signal must be known and the ADC sampling frequency must be set exactly as a 2n
multiplier of the measured frequency. The input signal frequency is measured by another
method. The ADC sampling frequency is tuned by programming the prescaler and MCU
master clock or interpolation can be used to insert sample points at the required frequency if
sampling is performed with an inaccurate clock.
4.3.4
ADC calibration
This method requires knowledge of internal ADC structure and how the ADC converter is
implemented inside the microcontroller. This knowledge is necessary in order to design a
physical/mathematical model of the ADC implementation.
A proper physical model (which is usually a schematic diagram) is used as the base for
describing it mathematically. From the mathematical model each element in the model can
be obtained by set of equations (for example, resistor/capacitor values which represent bit
weights). To solve these equations, it is necessary to perform a set of practical
measurements and obtain a set of solvable equations (for example, measurement: input
signal versus the proper ADC digital output words).
From the measured values and mathematical computation of the model, all known values of
model elements (resistors, voltages, capacitors,...) can be put into the schematic diagram.
So instead of the ADC schematic with the designed values you obtain an ADC schematic
with the real values for a given microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com