Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3137 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 34Page - STMicroelectronics AN3137 Datasheet HTML 35Page - STMicroelectronics AN3137 Datasheet HTML 36Page - STMicroelectronics AN3137 Datasheet HTML 37Page - STMicroelectronics AN3137 Datasheet HTML 38Page - STMicroelectronics AN3137 Datasheet HTML 39Page - STMicroelectronics AN3137 Datasheet HTML 40Page - STMicroelectronics AN3137 Datasheet HTML 41Page - STMicroelectronics AN3137 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AN3137
Source code examples
Doc ID 16983 Rev 3
39/42
White noise modulation method:
●
external signal should be modulated by white noise or small triangle signal (for
instance, from function waveform generator)
●
the second line on LCD shows sub LSB resolution from measured signal - averaged
200 samples
●
to stop the method press the “Key” button
Digital filter method:
●
a 50 Hz rejection filter (comb filter) is implemented
●
the first line on LCD shows the difference (maximum-minimum) from raw samples
(buffer is 500 samples)
●
the second line on LCD shows the difference (maximum-minimum) from 50 Hz filtered
samples
●
50 Hz suppression is seen when a DC signal with 50 Hz added noise is applied
●
to stop the method press the “Key” button
ACD calibration method (linear model):
●
a linear ADC curve approximation is implemented: Y = k.X + Q
●
samples for calibration are sampled first: more samples means better approximation
●
the first line on LCD is editable - a real precise value must be entered (measured by
calibration device)
●
the second line on LCD shows sample number, navigation cursor and value measured
by ADC
●
use the joystick for entering real value:
–
left/right = cursor left/right movement
–
up/down = increase/decrease of real value
–
center = enter values pair as valid (sample number increases)
●
change the input signal to different level
●
enter real value by joystick
●
continue with another signal level ( > 5 samples, for example)
●
to stop entering sampling pairs, press the “Key” button
●
an information screen appears:
–
the first line on LCD shows standard deviation before calibration
–
the second line on LCD shows standard deviation after linear calibration model
calculation
●
next screen appears after 3 seconds:
–
measured value with applied linear model (calibrated ADC)
–
you can compare the real calibration value with the value on LCD; it should be
very close
–
to stop the method press the “Key” button and before releasing it press the joystick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com