Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3137 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 19Page - STMicroelectronics AN3137 Datasheet HTML 20Page - STMicroelectronics AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
23/42
4.2.3
Hardware design rules
Good hardware design can minimize many external influences on the measured signal and
measuring device. Therefore good design is also a method of improving precision, or rather
a method of minimizing additional errors caused by the external hardware. The following list
gives the main rules for minimizing external influences.
Grounding:
Care must be taken in the design of the PCB grounding. Ground paths on a PCB have
nonzero resistance (and impedance) therefore current flowing through these paths
generates a voltage drop. This voltage drop changes the voltages at points that are
important for the ADC. For example it changes the reference voltage on the microcontroller
pins slightly or influences the input signal on the microcontroller analog input pins. Good
design minimizes this voltage drop. Methods of doing this are: minimizing the ground path
impedance and minimizing the current through important ground paths (topology).
To minimize ground impedance: use massive ground paths. To minimize current through
sensitive connections: use star topology, use independent PCB lines from input signal pins
to microcontroller analog inputs, use independent PCB lines from the reference voltage
source to microcontroller reference voltage inputs. Simply: supply current should not flow
through signal ground - use signal ground and power ground in design.
Voltage filtering:
To minimize any external influences on the precise voltage levels used by the ADC, it is
good to use filters on these voltage sources. Good filters must be applied on the reference
voltage and on the supply voltage. Filter design depends on the noise amplitude present on
the voltage sources, the external noise disturbance and the required precision.
Preamplifier usage:
If the measured signal is too small (in comparison to the ADC range) then it is good to use
external preamplifier. This amplifier can fit the input signal range to the ADC range and can
also insert offsets between input signal and ADC input. Care must be taken in the
preamplifier design in order not to generate additional errors (for example additional offset,
amplifier gain stability, linearity, frequency response...).
Frequency independence:
In cases where an AC signal is measured, frequency is an important characteristic of the
input signal path. When measuring fast changes in the input signal then the frequency
response of the signal path must be flat, even at high frequencies. The parasitic resistance
and parasitic capacitance on PCB signal paths must be minimized. Otherwise, when
measuring DC signal levels, adding an RC filter to the input signal data path improves
robustness against external noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com