Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3307 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 5Page - STMicroelectronics AN3307 Datasheet HTML 6Page - STMicroelectronics AN3307 Datasheet HTML 7Page - STMicroelectronics AN3307 Datasheet HTML 8Page - STMicroelectronics AN3307 Datasheet HTML 9Page - STMicroelectronics AN3307 Datasheet HTML 10Page - STMicroelectronics AN3307 Datasheet HTML 11Page - STMicroelectronics AN3307 Datasheet HTML 12Page - STMicroelectronics AN3307 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN3307
Main differences between STM32F packages and their possible modifications
Doc ID 18186 Rev 4
9/37
Verbose and diagnostic modes
Verbose messages can slightly vary between packages but they are mostly self-explanatory.
Users can easily find the calling place and condition at the source code from which the
message is published. Signals provided on GPIO LEDs can be used for basic check if the
application runs properly, as well as for measurement of some basic timing intervals. Be
sure the verbose messages increase the processing load at execution phase and
significantly increase an overhead of code memory capacity, especially.
Duration of the tests
The duration of the initial functional self-test performed at startup phase can vary slightly
depending on CPU clock frequency and size of memory areas tested. The differences
between duration of periodical run time self-tests are negligible and depend mainly on the
CPU clock. Both software RAM transparent and partial Flash tests last about 20 µs with
default block size setting (at CPU clock about 72 MHz).
Overall test RAM or Flash cycle duration depends on:
●
size of the memory area under check,
●
size of the block checked at one step and
●
frequency of the partial test steps.
For instance, a test of the RAM area collecting 32 pairs of word Class B variables needs 16
partial steps if 4 words are tested by one step (in fact, 6 words are tested at every step if just
one word overlap is configured at both the highest and the lowest address - follow the
transparent RAM test configuration).
Test of 64 KB of Flash can be done at 1024 partial steps when block size is set to default
16 words. This means overall duration of 10 s if period of steps is 10 ms.
At any critical case when such long interval for Flash testing is not acceptable, the program
memory can be divided into few sectors and the test can be reduced to be performed above
one selected sector just keeping the safety functions and data currently used.
Toggling of some LEDs can be used to measure the timing performance of the firmware. Be
sure any control of verbose messages used at debugging is disabled as well as initialization
of evaluation board display when doing any such measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com