Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3307 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 8Page - STMicroelectronics AN3307 Datasheet HTML 9Page - STMicroelectronics AN3307 Datasheet HTML 10Page - STMicroelectronics AN3307 Datasheet HTML 11Page - STMicroelectronics AN3307 Datasheet HTML 12Page - STMicroelectronics AN3307 Datasheet HTML 13Page - STMicroelectronics AN3307 Datasheet HTML 14Page - STMicroelectronics AN3307 Datasheet HTML 15Page - STMicroelectronics AN3307 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Compliance with IEC and VDE standards
AN3307
12/37
Doc ID 18186 Rev 4
Users can include a part or all of these software modules certified by VDE into the project. If
they stay unchanged and are integrated in accordance with the guidelines, the time and
costs needed for a certified end-application would be significantly reduced.
Note:
If minor changes have to be made to the modules, it is suggested that you keep careful track
of all of these changes in order to inform the certification authority of all modifications made
to the certified routines.
Table 2.
Overview of methods used in the micro-specific tests provided with this
application note
Components to be
verified
Method used
CPU registers
Functional test of all registers and flags including R13 (stack pointer), R14
(link register) and PSP (Process stack pointer) is done at startup. In the
runtime test R13, R14, PSP and flags are not tested. The stack pointer is
tested for underflow and overflow, the link register is tested by PC
monitoring. If any error is found, the software jumps directly to the Fail Safe
routine
.
Program counter
Two different watchdogs driven by two independent clock sources can
reset the device when the program counter is lost. The Window watchdog,
driven by the main oscillator, performs time slot monitoring while the
Independent one, driven by the low speed internal RC oscillator, is
impossible to disable once enabled. Both watchdogs must be serviced at
regular intervals. Program control flow is additionally monitored using a
specific software method.
Addressing and data
path
This is tested indirectly by RAM functional and Flash integrity tests, stack
overflow (a specific pattern is written at a low boundary of stack space and
checked for corruption at regular intervals) and underflow (a second
pattern is written at a high boundary if it is not at the RAM end). In addition,
a bus error exception vector is fetched by the CPU if a memory access
fault occurs.
Clock
A reciprocal method of comparing two independent clock sources is used
while clocking two timers. Wrong main frequency (harmonic/sub harmonic)
can be detected using the external low speed 32kHz oscillator as a
timebase.
Non-volatile memory
A 16-bit CRC software checksum test of the entire memory is done at
startup and a partial memory test is repeated at runtime (block by block).
Optionally the built in hardware for fast 32-bit CRC calculation can be used.
Volatile memory
A March C- (or optionally March X) full memory test is done at startup and
a partial memory test is repeated at runtime (block by block), scrambled
order of physical addresses in RAM is respected in tests for optimal
coverage of coupling faults, word protection with double redundancy
(inverse values stored in non adjacent memory space) is used for safety
critical Class B variables, Class A variable space, stack and unused space
are not tested at runtime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com