Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3307 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 20Page - STMicroelectronics AN3307 Datasheet HTML 21Page - STMicroelectronics AN3307 Datasheet HTML 22Page - STMicroelectronics AN3307 Datasheet HTML 23Page - STMicroelectronics AN3307 Datasheet HTML 24Page - STMicroelectronics AN3307 Datasheet HTML 25Page - STMicroelectronics AN3307 Datasheet HTML 26Page - STMicroelectronics AN3307 Datasheet HTML 27Page - STMicroelectronics AN3307 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Class B solution structure
AN3307
24/37
Doc ID 18186 Rev 4
5.2.2
Watch dog startup self-test
The structure of the test is based on the reset status register content which registers all the
previous reset causes by setting different flags (see Figure 8).
Figure 8.
Watchdog startup self-test structure
The standard reset condition (power on, low power, software or external pin flag indicates
the previous reset cause) is assumed at the beginning of the watchdog test. All the flags are
cleared, the IWDG timeout is set to the shortest period so an IWDG reset should then occur.
After the next reset, the IWDG flag should be set and recognized as the sole reset cause.
The test can then continue with the WWDG test. When both flags are set in reset status
register, the test is considered as completed and all the flags in the reset status register are
cleared again.
Users must take care to set both IWDG and WWDG periods properly. Their periods and the
refresh window parameter must be set in accordance with the time base interval(c) because
a normal refresh is performed at the successful end of the periodic runtime test in the main
loop.
c.
The system tick interrupt service routine indicates a defined time base interval via a dedicated time base flag.
The run-time test is started at the main level periodically at this interval. As the watchdog control is the last step
of successfully finished run-time tests (and it should be the only place where the watchdog is refreshed in the
main loop) the time base interval must be set in correlation with the watchdog timeout and vice versa. The
watchdog refresh period must be shorter than the watchdog timeout to prevent a reset of the CPU. Refer to the
flowchart in Figure 15.
MS18595V1
IWDG
reset ?
Clear All Flags
Test IWDG
Test WWDG
WWDG
reset ?
Clear All Flags
Test OK
No
No
Yes
Yes
HW Reset
HW Reset
Standard
reset?
Yes
Yes
No
Software Reset
SW Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com