Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3307 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 23Page - STMicroelectronics AN3307 Datasheet HTML 24Page - STMicroelectronics AN3307 Datasheet HTML 25Page - STMicroelectronics AN3307 Datasheet HTML 26Page - STMicroelectronics AN3307 Datasheet HTML 27Page - STMicroelectronics AN3307 Datasheet HTML 28Page - STMicroelectronics AN3307 Datasheet HTML 29Page - STMicroelectronics AN3307 Datasheet HTML 30Page - STMicroelectronics AN3307 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN3307
Class B solution structure
Doc ID 18186 Rev 4
27/37
Note:
The RAM test is byte oriented but the more precise bit March testing algorithm can be used,
too. This method is more time and code consuming.
5.2.5
Clock startup self-test
The flow chart diagram of the test is shown in Figure 12. It expresses the principle of the
method, graphically. Initially the internal low speed clock (LSI) source is started. The
external high speed source (HSE) is started in the next step. The CPU is still running on the
internal high speed clock source (HSI). The system timer (SysTick) is started with the HSI
clock source while the RTC system runs on the LSI clock source. One complete underflow
cycle of the SysTick timer is performed. The number of LSI periods counted in that cycle
gives the HSI ratio value (number of HSI pulses within the interval corresponding to one LSI
period). This initial HSI ratio measurement is stored as a reference for the next runtime
measurements.
Figure 12.
Clock startup self-test subroutine structure
In the next step, the external HSE clock is switched as the new clock source for the SysTick
timer. Another complete underflow cycle of SysTick timer is performed. The number of LSI
periods counted in this cycle gives the HSE ratio (number of HSE pulses in the interval
corresponding to one LSI period). The HSE value is then computed from the known HSI
value and both HSI and HSE ratios measured. If the HSE value deviates from the expected
Start of LSI clock
Start of H SE clock
Test OK
F ail Safe rou tine
Fail
Fail
M ea sure LSI versus H SI
Sw itch clock from H SI t o H SE
Fail
M ea sure LSI versus H SE
H SE in range
+/- 25% ?
Fail
No
Yes
Sw itch clock from H SE to H SI
Run RT C(LSI) & SysT ick (HSI)
=> H SI R ef R atio
HSE= (H SI * HSI Ref Ratio) / HSE Ratio
=> H SE R atio
Run RT C(LSI) & SysT ick (HSE)
MS18598V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com