Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3317 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 7Page - STMicroelectronics AN3317 Datasheet HTML 8Page - STMicroelectronics AN3317 Datasheet HTML 9Page - STMicroelectronics AN3317 Datasheet HTML 10Page - STMicroelectronics AN3317 Datasheet HTML 11Page - STMicroelectronics AN3317 Datasheet HTML 12Page - STMicroelectronics AN3317 Datasheet HTML 13Page - STMicroelectronics AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN3317
DDR memory interface
Doc ID 18249 Rev 2
11/22
5.3
Trace length matching
Always use trace length equalization to maximize the valid timing window of all signals, and
include the trace lengths inside the SPEAr device package.
A spreadsheet that compensates for the trace lengths inside the substrate is available to
compute the necessary PCB trace length offsets (contact ST).
Fly-by and balanced-T topologies each have advantages and disadvantages. Which
topology is best suited for a particular application must be evaluated on a case-by-case
basis, and take into consideration any other system constraints.
5.3.1
Address, control, and command (A/C/C) signal group,
fly-by configuration
Match trace lengths on the address, control, and command trace segments between the
SPEAr device and the first memory device in the chain.
The spreadsheet mentioned above is the easiest way to compute lengths for the A/C/C
signal group between the SPEAr device and the first memory device.
Match trace lengths for each segment group between memory devices.
Locate terminations beyond the final memory device in the chain.
Length matching is not critical between the final memory device and the termination, but
keep the termination components reasonably near the final memory device.
Ensure that the termination resistors have excellent decoupling.
5.3.2
A/C/C signal group, dual DRAM balanced-T configuration
Balanced-T topology does not require termination resistors (except for clk and nclk).
Balanced-T topology does require equal length branches on all signals within the A/C/C
signal group. Signal integrity degrades rapidly with unequal branch lengths, with serious
negative effects on signal timing.
The spreadsheet mentioned above is the easiest way to compute lengths for the A/C/C
signal group.
Place the differential clock termination resistors near the T junction.
For a single rank dual DRAM configuration, either fly-by or balanced-T topology can be
used.
5.3.3
Data signal groups
Provide matched trace lengths for each 8-bit data slice, DM signals, and DQS/DQSn
signals. It is not necessary to match the trace lengths of one data slice with the trace lengths
of any other data slice, because they are independent from a timing perspective. The
spreadsheet mentioned above is the easiest way to compute lengths for each data slice
signal group.
Figure 2 and Table 1 describe the length matching guidelines for a dual DRAM topology.
Note:
This is a guideline only; perform simulations using IBIS models on the actual PCB layout to
assess signal integrity and timing margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com