Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3317 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 12Page - STMicroelectronics AN3317 Datasheet HTML 13Page - STMicroelectronics AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics AN3317 Datasheet HTML 16Page - STMicroelectronics AN3317 Datasheet HTML 17Page - STMicroelectronics AN3317 Datasheet HTML 18Page - STMicroelectronics AN3317 Datasheet HTML 19Page - STMicroelectronics AN3317 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
USB routing
AN3317
16/22
Doc ID 18249 Rev 2
6
USB routing
Ensure that USB signal trace routing follows good high speed PCB rules, and meets the
specifications for differential impedance and maximum trace delay between the connector
and the SPEAr device.
Route USB data traces with the shortest, most direct path possible to their connectors.
USB data traces should have no resistors.
Route USB data traces only over ground planes.
Never route USB data traces across gaps or breaks in the return plane.
Never route USB data traces under other devices or between the pins of other devices.
Widely separate USB data vias from other signal vias.
If USB data traces must transition layers to a different return plane, place ground vias for the
return current very close to the signal vias.
Figure 4.
PCB cross section showing minimum spacing dimensions
Table 2.
USB signal routing constraints
Parameter
Description
Minimum
Typical
Maximum
Units
Zodiff
Differential Impedance(1)
1.
Trace delay between SPEAr device and USB connector (Universal Serial Bus Specification, Revision 2.0)
81
90
99
Ω
Td Dev
Trace delay of device port(1)
1.0
ns
Td Host
Trace delay of host port(1)
3.0
ns
Td-match
Trace length mismatch
0.15
3.8
inch
mm
Number or length of stubs
0
Number of via transitions
1
Space to adjacent signal traces(2)
2.
Includes other USB data trace pairs.
3h(3)
3.
The same as the units used for h, the thickness of the dielectric separating the trace from the nearest
plane (see Figure 4), which can vary from board-to-board.
Space to adjacent area fill(4)
4.
Do not use guard traces or ground flood or fill adjacent to high speed signal traces.
3h(3)
Space to edge of return plane
20
h(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com