Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3317 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 8Page - STMicroelectronics AN3317 Datasheet HTML 9Page - STMicroelectronics AN3317 Datasheet HTML 10Page - STMicroelectronics AN3317 Datasheet HTML 11Page - STMicroelectronics AN3317 Datasheet HTML 12Page - STMicroelectronics AN3317 Datasheet HTML 13Page - STMicroelectronics AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics AN3317 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DDR memory interface
AN3317
12/22
Doc ID 18249 Rev 2
Fly-by topology routes A/C/C signal groups in a daisy chain fashion, with terminations on
all signals after the last DRAM device. Data lane slices are routed to individual DRAM
devices.
Balanced T topology can be used for A/C/C signal groups if only two memory devices are
used.
Figure 2.
Routing topologies
5.3.4
Data signal routing
To simplify the routing of the data signals, it is possible to swap data between data slices.
But it is mandatory to route and connect the SPEAr DDR_DQ0 (ball AF2), DDR_DQ8 (ball
AH3) DDR_DQ16 (ball AE8) and DATA24 (ball AH9) on each LSB DDR data pin.
Table 1.
Trace length matching guidelines, balanced-T configuration
Parameter
Description
Maximum
Unit
tmm
L1+L2, L1+L3 length matching for all signals
15
ps
Tmm2,3
|L2-L3| length matching tolerance of branches
30
ps
ADDR/CON/COM
DQ[15:0]
DQ[31:16]
DQ[ECC]
DQ[15:0]
DQ[31:16]
Termination
Fly-by topology
ADDR/CON/COM
Equal length
L1
Balanced T topology
L2
L3
SPEAr1340
SPEAr1340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com