Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3955 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 26Page - STMicroelectronics AN3955 Datasheet HTML 27Page - STMicroelectronics AN3955 Datasheet HTML 28Page - STMicroelectronics AN3955 Datasheet HTML 29Page - STMicroelectronics AN3955 Datasheet HTML 30Page - STMicroelectronics AN3955 Datasheet HTML 31Page - STMicroelectronics AN3955 Datasheet HTML 32Page - STMicroelectronics AN3955 Datasheet HTML 33Page - STMicroelectronics AN3955 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
ISO/IEC 14443-3 layers
AN3955
30/68
Doc ID 022017 Rev 1
5.1.6
CR95HF configuration function
The CR95HF configuration function sends a ProtocolSelect command to CR95HF device in
order to select the ISO/IEC 14443-3 Type A protocol. The transmission and reception data
rates are integrated in the command. This command turns on the RF field.
Table 33 describes the ISO14443A_ProtocolSelect function.
Table 33.
ISO14443A_ProtocolSelect function description
5.1.7
ISO/IEC 14443-3 Type A command function
These functions send a basic RF command to a contactless tag and check the CR95HF
response.
The ISO14443A_REQA function sends a REQA command to a contactless tag. Table 34
describes the ISO14443A_REQA function.
Table 34.
ISO14443A_REQA function description
The ISO14443A_WUPA function sends a WUPA command to a contactless tag. Table 35
describes the ISO14443A_WUPA function.
Table 35.
ISO14443A_WUPA function description
Prototype
int8_t ISO14443A_ProtocolSelect (uc8TXDataRate, uc8
RxDataRate, uint8_t*pResponse);
Input parameter
TxDataRate: Transmission data rate (2 bits)
RxDataRate: Reception data rate (2 bits)
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The ISO/IEC 14443-3 Type A protocol is selected.
ISO14443A_ERRORCODE_PARAMETER: One parameter is incorrect.
CR95HF_ERROR_CODE: Function failed. The ISO/IEC 14443-3 Type A
protocol is not selected.
Prototype
ISO14443A_REQA (uint8_t *pResponse);
Input parameter
None
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The REQA command is successfully emitted to a contactless
tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.
Prototype
int8_t ISO14443A_WUPA (uint8_t *pResponse);
Input parameter
None
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The WUPA command is successfully emitted to a contactless
tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com