Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3955 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 41Page - STMicroelectronics AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics AN3955 Datasheet HTML 44Page - STMicroelectronics AN3955 Datasheet HTML 45Page - STMicroelectronics AN3955 Datasheet HTML 46Page - STMicroelectronics AN3955 Datasheet HTML 47Page - STMicroelectronics AN3955 Datasheet HTML 48Page - STMicroelectronics AN3955 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
45/68
5.2.9
ISO/IEC 14443-3 Type B Split function
The ISO14443B_SplitATQB function splits the ATQB contactless tag response. Table 69
describes the ISO14443B_SplitATQB contactless response.
The ISO14443B_SplitApplicationDataField function splits the ApplicationData
field. The application data field is a part of ATQB response. Table 70 describes the
ISO14443B_SplitApplicationDataField
function.
Table 70.
ISO14443B_SplitApplicationDataField function description
Table 69.
ISO14443B_SplitATQB function description
Prototype
int8_t ISO14443B_SplitATQB
(uint8_t*ReaderResponse, uint8_t*PUOIindex,
uint8_t*ApplicationDataindex,
uint8_t*ProtocolInfoindex);
Input parameter
ReaderResponse: Pointer on CR95HF response
Output parameter
PUPIindex: Index of PUPI field (4bytes)
ApplicationDataindex: Index of ApplicatioData field (4bytes)
ProtocolInfoindex: Index of Protocol field (3 or 4 bytes
depending on Extended ATQB supported bit.) Refer to Table 64:
ISO14443B_REQB function description.
Return parameter
RESULTOK: Function is successful.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns
an error code.
Prototype
int8_t ISO14443B_SplitApplicationDataField(
uc8_t*ApplicationDataField, uint8_t*AFlout,
uint8_t*CRC_BAIDoutIndex,
uint8_t*ProtocolInfoindex);
Input parameter
ApplicationDataField: Application Data field (part of ATQB
response, 4 bytes)
Output parameter
AFlout: AFI byte
CRC_BAIDoutIndex: Index of CRC field (2 bytes)
NumberOfApplication: Number of application byte
Return parameter
RESULTOK: Function is successful.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns
an error code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com