Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3955 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics AN3955 Datasheet HTML 44Page - STMicroelectronics AN3955 Datasheet HTML 45Page - STMicroelectronics AN3955 Datasheet HTML 46Page - STMicroelectronics AN3955 Datasheet HTML 47Page - STMicroelectronics AN3955 Datasheet HTML 48Page - STMicroelectronics AN3955 Datasheet HTML 49Page - STMicroelectronics AN3955 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
ISO/IEC 14443-3 layers
AN3955
46/68
Doc ID 022017 Rev 1
The ISO14443B_SplitProtocolInfoField function splits the ProtocolInfo field. The
ProtocolInfo field is a part of ATQB response. Table 71 describes the
ISO14443B_SplitProtocolInfoField
function.
Table 71.
ISO14443B_SplitProtocolInfoField function description
Prototype
int8_t ISO14443B_SplitProtocolInfoField(uc8*Pr
otocolInfoField,
uint8_t*BitRateCapability,uint8_t*MaxFrameSize
,uint8*ProtocolType, uint8_t*FWIbits,
uint8_t*ADCbits, uint8_t*FObits,
uint8_t*SFGIbits, uint8_t*RFUbits);
Input parameter
ProtocolInfoField: Protocol info field (part of ATQB response, 4bytes)
Output parameter
BitRateCapability: Bite rate supported by the contactless tag (8 bit)
MaxFrameSize: Max frame size (4bit)
ProtocolType: (4 bit) b1=1 compliant with 14443_4 b1=0 not
compliant with 14443_4. b2&b3 minimum TR2 coding b4: RFU
FWIbits: Frame waiting time integer (4 bit)
ADCbits: Application data coding (2bit).
0b00: application is proprietary
0b01: application is coded (refer to ISO/IEC 14443-3, RFU
specification)
FObits: Frame option (2bit)
0b1X: NAD suported x1b
0bX1: CID supported
SFGIbits: SFGI bits (4 bit). Optional, depending on Extended ATQB
supported bit. Refer to Table 64: ISO14443B_REQB function
description.
RFUbits: RFU bits (4bit). Optional, depending on Extended ATQB
supported bit. Refer to Table 64: ISO14443B_REQB function
description.
Return parameter
RESULTOK: Function is successful.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an
error code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com