Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3955 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 35Page - STMicroelectronics AN3955 Datasheet HTML 36Page - STMicroelectronics AN3955 Datasheet HTML 37Page - STMicroelectronics AN3955 Datasheet HTML 38Page - STMicroelectronics AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics AN3955 Datasheet HTML 41Page - STMicroelectronics AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
39/68
The ISO14443A_GetUIDsize function returns the UID size of a contactless tag. Table 55
describes the ISO14443A_GetUIDsize function.
Table 55.
ISO14443A_GetUIDsize function description
The ISO14443A_GetUID function returns the UID of a contactless tag. Table 56 describes
the ISO14443A_GetUID function.
Table 56.
ISO14443A_GetUID function description
Prototype
int8_t ISO14443A_GetUIDsize(uint8_t*UIDsize);
Input parameter
None
Output parameter
UIDsize: 2-bit value: 0 for single, 1 for double, 2 for triple and 3 for RFU.
Return parameter
RESULTOK: Function is successful.
ERRORCODE_GENERIC: Function failed.
Prototype
int8_t ISO14443A_GetUID(uint8_t*SAKByte,uint8_t*Nb
UIDByte, uint8_t*UIDout);
Input parameter
None
Output parameter
SAKByte: The last SAK byte received from a contactless tag during a
Select
sequence.
NbUIDByte: Number of bytes of UID
UIDout: The last SAK byte received from a contactless tag during a select
sequence.
Return parameter
RESULTOK: Function is successful. The select sequence is completed.
ERRORCODE_GENERIC: Function failed. An error occured during the
select sequence.
ISO14443A_ERRORCODE_BCC: A BCC byte is incorrect. The received
data from a contactless tag is corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com