Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0097 Datasheet(PDF) 78 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 74Page - STMicroelectronics UM0097 Datasheet HTML 75Page - STMicroelectronics UM0097 Datasheet HTML 76Page - STMicroelectronics UM0097 Datasheet HTML 77Page - STMicroelectronics UM0097 Datasheet HTML 78Page - STMicroelectronics UM0097 Datasheet HTML 79Page - STMicroelectronics UM0097 Datasheet HTML 80Page - STMicroelectronics UM0097 Datasheet HTML 81Page - STMicroelectronics UM0097 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 229 page
background image
Peripheral firmware overview
UM0097
78/229
3.6.3
Firmware library functions
Table 38 enumerates the different functions of the XTI library.
XTI_Line3
Line 3: External interrupt
XTI_Line4
Line 4: External interrupt
XTI_Line5
Line 5: External interrupt
XTI_Line6
Line 6: CAN module receive pin
XTI_Line7
Line 7: HDLC clock or I2C0 clock
XTI_Line8
Line 8: HDLC receive pin or I2C0 Data
XTI_Line9
Line 9: BSPI0 slave input data or UART3 receive data input
XTI_Line10
Line 10: BSPI0 slave input serial clock or I2C1 clock
XTI_Line11
Line 11: BSPI1 Slave input serial clock
XTI_Line12
Line 12: UART0 receive data input
XTI_Line13
Line 13: UART1 receive data input
XTI_Line14
Line 14: UART2 receive data input
XTI_Line15
Line 15: WakeUp pin or RTC ALARM
Table 37.
Lines values (continued)
Lines value
Corresponding Line
Table 38.
XTI library functions
Function Name
Description
XTI_Init
Initializes the XTI to the default configuration
XTI_ModeConfig
Enables or disables the Interrupt and Wake-Up modes
XTI_LineModeConfig
Selects the line trigger edge polarity
XTI_LineConfig
Enables or disables the selected line interrupt
XTI_InterruptLineValue
Returns the wake-up line number that generates the interrupt
XTI_PendingBitClear
Clears the XTI pending bit
XTI_SWIRQGenerate
Generates a software IRQ interrupt on the XTI channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com