Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0097 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 21Page - STMicroelectronics UM0097 Datasheet HTML 22Page - STMicroelectronics UM0097 Datasheet HTML 23Page - STMicroelectronics UM0097 Datasheet HTML 24Page - STMicroelectronics UM0097 Datasheet HTML 25Page - STMicroelectronics UM0097 Datasheet HTML 26Page - STMicroelectronics UM0097 Datasheet HTML 27Page - STMicroelectronics UM0097 Datasheet HTML 28Page - STMicroelectronics UM0097 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 229 page
background image
UM0097
Peripheral firmware overview
25/229
PCU_LPModesConfig
Example:
This example disables the PLL1 automatically when CK_AF is selected is selected as
source clock, puts the FLASH in PWD mode, disables the MVR during STOP and WFI
mode, enables low power mode during WFI mode (LPWI) and selects CK_AF as source
clock during LPWFI mode.
{
/* User code */
/* Set the MVR disabled and the FLASH in PWD mode during STOP
mode */
PCU_LPModesConfig(DISABLE,DISABLE,DISABLE,ENABLE,LPWFI_CK_AF);
/*
|
|
|
|
|_CK_AF is selected during LPWFI
|
|
|
|_Enable Low power mode during WFI mode
|
|
|_FLASH in powerdown during LPWFI and STOP modes
|
|_MVREG is disabled during LPWFI and STOP modes
|_PLL1 is disabled automatically when CK_AF is selected */
/* User code */
Function Name
PCU_LPModesConfig
Function Prototype
void PCU_LPModesConfig (FunctionalState PLL1_State,
FunctionalState MVR_State,FunctionalState
FLASH_State, FunctionalState
LPWFI_State,LPWFI_Clock_Typedef LPWFI_Clock);
Behavior Description
This routine configures the different STR71x low power mode options.
Input Parameter 1
PLL1_State: the state of PLL1 when CK_AF selected.
– ENABLE: PLL1 is not disabled when CK_AF is selected
– DISABLE: PLL1 is disabled automatically when CK_AF is selected as
system clock
Input Parameter 2
MVR_State: the state of the Main Voltage Regulator when CK_AF is
selected.
– ENABLE: MVREG is enabled during LPWFI and STOP modes
– DISABLE: MVREG is disabled during LPWFI and STOP modes
Input Parameter 3
FLASH_State: the state of the flash during LPWFI and STOP modes.
– ENABLE: Flash Stand-by mode during LPWFI and STOP modes
– DISABLE: FLASH in powerdown during LPWFI and STOP modes
Input Parameter 4
LPWFI_State: the state of low power mode during LPWFI.
– ENABLE: Enable Low power mode during WFI mode
– DISABLE: Disable Low power mode disabled during WFI mode
Input Parameter 5
LPWFI_Clock: the selected clock during LPWFI.
– LPWFI_CLK2_16: CLK2/16 is selected during LPWFI
– LPWFI_CK_AF: CK_AF is selected during LPWFI
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com