Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0097 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 25Page - STMicroelectronics UM0097 Datasheet HTML 26Page - STMicroelectronics UM0097 Datasheet HTML 27Page - STMicroelectronics UM0097 Datasheet HTML 28Page - STMicroelectronics UM0097 Datasheet HTML 29Page - STMicroelectronics UM0097 Datasheet HTML 30Page - STMicroelectronics UM0097 Datasheet HTML 31Page - STMicroelectronics UM0097 Datasheet HTML 32Page - STMicroelectronics UM0097 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 229 page
background image
UM0097
Peripheral firmware overview
29/229
PCU_32OSCCmd
Example:
This example illustrates how to enable the 32 kHz oscillator.
{ ...
/* Enable the 32 kHz oscillator */
PCU_32OSCCmd(ENABLE);
...
}
3.2
Reset and clock control unit (RCCU)
The RCCU driver may be used for a variety of purposes, including internal clock
configuration and clock source selection.
The first section describes the data structure members used in the RCCU firmware library.
The second section presents the RCCU firmware library functions.
3.2.1
Data structures
RCCU register structure
The RCCU peripheral register structure RCCU_TypeDef is defined in the 71x_map.h file as
follows:
typedef volatile struct
{
vu32 CCR;
u32 EMPTY1;
vu32 CFR;
u32 EMPTY2[3];
vu32 PLL1CR;
vu32 PER;
vu32 SMR;
} RCCU_TypeDef;
Function Name
PCU_32OSCCmd
Function Prototype
void PCU_32OSCCmd (FunctionalState NewState)
Behavior Description
Enables or disables the 32 kHz oscillator
Input Parameter
NewState: specifies whether the 32 kHz oscillator is enabled or
disabled.
– ENABLE: enables the 32 kHz oscillator.
– DISABLE: disables the 32 kHz oscillator.
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com