Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0097 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 41Page - STMicroelectronics UM0097 Datasheet HTML 42Page - STMicroelectronics UM0097 Datasheet HTML 43Page - STMicroelectronics UM0097 Datasheet HTML 44Page - STMicroelectronics UM0097 Datasheet HTML 45Page - STMicroelectronics UM0097 Datasheet HTML 46Page - STMicroelectronics UM0097 Datasheet HTML 47Page - STMicroelectronics UM0097 Datasheet HTML 48Page - STMicroelectronics UM0097 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 229 page
background image
UM0097
Peripheral firmware overview
45/229
RCCU_ResetSource
Example:
This example illustrates how to define the system reset source.
{
RCCU_ResetSources ResetSource;
ResetSource=RCCU_ResetSource();
switch (ResetSource)
{
case RCCU_RTCAlarmReset: GPIO_BitWrite(GPIO0,0,1);break;
case RCCU_WKPReset: GPIO_BitWrite(GPIO0,1,1);break;
default
:
GPIO_BitWrite(GPIO0,3,1);break;
}
}
RCCU_PLL1FreeRunningModeConfig
Example:
This example shows how to clock the system with the PLL1 configured in free running
mode.
{
/*Configure the PLL in free running mode at 125kHz */
RCCU_PLL1FreeRunningModeConfig(RCCU_PLL1FreeRunning125);
/* Set the RCLK to the PLL1 output */
RCCU_RCLKSourceConfig(RCCU_PLL1_Output);
}
Function Name
RCCU_ResetSource
Function Prototype
RCCU_ResetSources RCCU_ResetSource (void);
Behavior Description
This routine is used to return the system reset source.
Input Parameter
None
Output Parameter
None
Return Value
The reset source
Required preconditions
None
Called Functions
None
Function Name
RCCU_PLL1FreeRunningModeConfig
Function Prototype
RCCU_PLL1FreeRunningModeConfig(RCCU_PLL1FreeRunningM
odes NewPll1FreeRunningMode);
Behavior Description
This routine is used to configure the PLL1 in free running mode
Input Parameter
RCCU_PLL1FreeRunningModes: PLL1 in free running mode.
Refer to PLL1 free running modes on page 35
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com