Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4031 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 10Page - STMicroelectronics AN4031 Datasheet HTML 11Page - STMicroelectronics AN4031 Datasheet HTML 12Page - STMicroelectronics AN4031 Datasheet HTML 13Page - STMicroelectronics AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
DMA controller description
AN4031
14/36
DocID022648 Rev 1
1.1.11
Double-buffer mode
A double-buffer stream works as a regular (single-buffer) stream, with the difference that it
has two memory pointers. When the Double-buffer mode is enabled, the Circular mode is
automatically enabled and at each end of transaction (DMA_SxNDTR register reach 0), the
memory pointers are swapped.
This allows the software to process one memory area while the second memory area is
being filled/used by the DMA transfer.
Figure 6. Double-buffer mode
Table 6. Possible burst configurations
MSIZE
FIFO level
MBURST = INCR4
MBURST = INCR8
MBURST = INCR16
Byte
1/4
1 burst of 4 bytes
forbidden
forbidden
1/2
2 bursts of 4 bytes
1 burst of 8 bytes
3/4
3 bursts of 4 bytes
forbidden
Full
4 bursts of 4 bytes
2 bursts of 8 bytes
1 burst of 16 bytes
Half-word
1/4
forbidden
forbidden
forbidden
1/2
1 burst of 4 half-words
3/4
forbidden
Full
2 bursts of 4 half-words 1 burst of 8 Half-word
Word
1/4
forbidden
forbidden
1/2
3/4
Full
1 burst of 4 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com