Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4031 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 26Page - STMicroelectronics AN4031 Datasheet HTML 27Page - STMicroelectronics AN4031 Datasheet HTML 28Page - STMicroelectronics AN4031 Datasheet HTML 29Page - STMicroelectronics AN4031 Datasheet HTML 30Page - STMicroelectronics AN4031 Datasheet HTML 31Page - STMicroelectronics AN4031 Datasheet HTML 32Page - STMicroelectronics AN4031 Datasheet HTML 33Page - STMicroelectronics AN4031 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
How to predict DMA latencies
AN4031
30/36
DocID022648 Rev 1
3.2.2
SPI full duplex DMA transfer
This example is applicable to products STM32F2xx, STM32F405, STM32F407,
STM32F415, STM32F417, STM32F42x and STM32F43x, and is based on the SPI1
peripheral.
Two DMA requests are configured:
•
DMA2_Stream2 for SPI1_RX: this stream is configured to be the highest priority in
order to serve in time the SPI1 received data, and transfer it from the SPI1_DR register
to the SRAM buffer.
•
DMA2_Stream3 for SPI1_TX: this stream transfers data from the SRAM buffer to the
SPI1_DR register.
The AHB frequency is equal to the APB2 frequency (84 MHz) and SPI1 is configured to
operate at the maximum speed (42 MHz). DMA2_Stream2 (SPI1_RX) is triggered before
DMA2_Stream3 (SPI1_TX), which is triggered two AHB cycles later.
With this configuration, the CPU is polling infinitely on the I2C1_DR register. Knowing that
the I2C1 peripheral is mapped on APB1 and that the SPI1 peripheral is mapped on APB2,
the system paths are the following:
•
Direct path for DMA2 to access APB2 (not through bus matrix),
•
CPU accesses APB1 through bus matrix.
The aim is to demonstrate that the DMA timings are not impacted by the CPU polling on
APB1. The following figure summarizes the DMA timing for Transmit and Receive modes,
as well as the time scheduling for each operation:
Figure 16. SPI full duplex DMA transfer time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com