Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4031 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 13Page - STMicroelectronics AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DocID022648 Rev 1
17/36
AN4031
System performance considerations
35
2
System performance considerations
STM32F2/F4 devices embed a multi-masters/multi-slaves architecture:
•
Eight masters:
–
Cortex™-Mx core I-bus
–
Cortex™-Mx core D-bus
–
Cortex™-Mx core S-bus
–
DMA1 memory bus
–
DMA2 memory bus
–
DMA2 peripheral bus
–
Ethernet DMA bus
–
USB high-speed DMA bus
•
Eight slaves:
–
Internal Flash memory ICode bus
–
Internal Flash memory DCode bus
–
Main internal SRAM1 (112 KB, 64 KB on STM32F401x)
–
Auxiliary internal SRAM2 (16 KB) (not available on STM32F401)
–
Auxiliary internal SRAM3 (64 KB) available only on STM32F42x/F43x devices
–
AHB1 peripherals including AHB-to-APB bridges and APB peripherals
–
AHB2 peripherals
–
AHB3 peripheral (FMC) (not available on STM32F401)
Masters and slaves are connected via a multi-layer bus matrix ensuring concurrent access
and efficient operation, even when several high-speed peripherals work simultaneously.
This architecture is shown in the next figure for the case of STM32F40x/F41x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com