Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4031 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics AN4031 Datasheet HTML 22Page - STMicroelectronics AN4031 Datasheet HTML 23Page - STMicroelectronics AN4031 Datasheet HTML 24Page - STMicroelectronics AN4031 Datasheet HTML 25Page - STMicroelectronics AN4031 Datasheet HTML 26Page - STMicroelectronics AN4031 Datasheet HTML 27Page - STMicroelectronics AN4031 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
System performance considerations
AN4031
24/36
DocID022648 Rev 1
Figure 13. Memory-to-peripheral transfer states
2.2.3
DMA request arbitration
As described in Section 1.1.2, the STM32F2/F4 DMA embeds an arbiter that manages the
eight DMA stream requests based on their priorities for each of the two AHB master ports
(memory and peripheral ports) and launches the peripheral/memory access sequences.
When more than one DMA request is active, DMA needs to arbiter internally between the
active requests and decide which request is to be served first.
The following figure shows two circular DMA requests triggered at the same time by DMA
stream “request 1” and by DMA stream “request 2” (requests 1 and 2 could be any DMA
peripheral request). At the next AHB clock cycle, the DMA arbiter checks on the active
pending requests and grants access to the “request 1” stream which has the highest priority.
The next arbitration cycle occurs during the last data cycle of the “request 1” stream. At that
time, “request 1” is masked and the arbiter sees only “request 2” as active, so access is
reserved to “request 2” this time, and so on.
Figure 14. DMA request arbitration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com