Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4067 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 5Page - STMicroelectronics AN4067 Datasheet HTML 6Page - STMicroelectronics AN4067 Datasheet HTML 7Page - STMicroelectronics AN4067 Datasheet HTML 8Page - STMicroelectronics AN4067 Datasheet HTML 9Page - STMicroelectronics AN4067 Datasheet HTML 10Page - STMicroelectronics AN4067 Datasheet HTML 11Page - STMicroelectronics AN4067 Datasheet HTML 12Page - STMicroelectronics AN4067 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID022913 Rev 2
9/27
AN4067
Internal RC oscillator calibration
26
Figure 4. HSI48 oscillator trimming capability
3.1
Calibration principle
3.1.1
HSI calibration
The calibration principle consists in:
1.
Setting the HSI as the system clock source
2.
Measuring the internal RC oscillator (HSI) frequency for each trimming value
3.
Computing the frequency error for each trimming value
4.
Setting the trimming bits with the optimum value (corresponding to the lowest
frequency error).
The internal oscillator frequency is not measured directly but is computed from the number
of clock pulses counted using a timer compared with the typical value. To do this, a very
accurate reference frequency must be available such as the LSE frequency provided by the
external 32.768 kHz crystal or the 50 Hz/60 Hz of the external signal (refer to Section 3.2.1
and Section 3.2.2).
Figure 5 shows how the reference signal period is measured in number of timer counts.
Figure 5. Timing diagram of internal oscillator calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com