Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4067 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 17Page - STMicroelectronics AN4067 Datasheet HTML 18Page - STMicroelectronics AN4067 Datasheet HTML 19Page - STMicroelectronics AN4067 Datasheet HTML 20Page - STMicroelectronics AN4067 Datasheet HTML 21Page - STMicroelectronics AN4067 Datasheet HTML 22Page - STMicroelectronics AN4067 Datasheet HTML 23Page - STMicroelectronics AN4067 Datasheet HTML 24Page - STMicroelectronics AN4067 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID022913 Rev 2
21/27
AN4067
Internal RC oscillator calibration
26
3.5
Calibration process performance
3.5.1
Duration of the calibration process
The duration of the calibration process depends on:
1.
the frequency of the reference signal (prescaled value) “REFERENCE_FREQUENCY”,
2.
the number of measured periods per trimming value “NUMBER_OF_LOOPS”,
3.
the number of measured frequencies during the calibration process “number of steps”.
Once the peripherals are configured and ready (mainly the LSE oscillator), the duration of
the calibration process is approximated by:
duration = (2 x (NUMBER_OF_LOOPS + 1) x number of steps) / REFERENCE_FREQUENCY
If the calibration process is run with a minimum frequency error for an HSI oscillator
(HSI_CalibrateMinError()), the number of steps is equal to 32. If the LSE oscillator is
used as the reference frequency (REFERENCE_FREQUENCY = LSE value / Input capture
prescaler = 32768/8 = 4096 Hz) and the selected number of measured periods is 10, the
calibration consumes approximately:
duration = (2 x 51 x 32) / 4096 = 797 ms
The duration of the calibration process with a maximum allowed error is lower than or equal
to the duration of calibration when using the minimum frequency error process.
Note:
Multiplying by 2 in the duration formula above is due to the fact that there is no
synchronization between the reference signal and the start of counting by the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com