Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4067 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 16Page - STMicroelectronics AN4067 Datasheet HTML 17Page - STMicroelectronics AN4067 Datasheet HTML 18Page - STMicroelectronics AN4067 Datasheet HTML 19Page - STMicroelectronics AN4067 Datasheet HTML 20Page - STMicroelectronics AN4067 Datasheet HTML 21Page - STMicroelectronics AN4067 Datasheet HTML 22Page - STMicroelectronics AN4067 Datasheet HTML 23Page - STMicroelectronics AN4067 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Internal RC oscillator calibration
AN4067
20/27
DocID022913 Rev 2
3.3.4
Internal oscillator calibration using calibration curve
Both the minimal and fixed error methods can take some time due to the high number of
measurements to run (for example 32 measurement for HSI with the minimal error method).
First, for all trimming values, the difference between the corresponding and the requested
frequency is measured and stored in a table. This uses the same principle as the minimal
error method. When it is necessary to calibrate the internal oscillator function
HSI_CalibrateCurve(), only the actual frequency is measured and the appropriate value to
compensate the difference is taken from the table.
In case of an HSI14 calibration, the HSI14_ GetCurve () and HSI14_CalibrateCurve()
functions should be used instead of HSI_GetCurve() and HSI_CalibrateCurve().
3.4
Recommendations on the use of the calibration library
1.
If the external signal frequency is lower than system clock / 65535, the TIM14 counter
prescaler should be used to support low frequencies.
2.
If the external signal frequency is higher than system clock / 100, TIM14 input capture
prescaler (divider) should be used to support high frequencies.
3.
It is recommended to stop all application activities before the calibration process, and
to restart them after calling the calibration functions.
Therefore, the application has to stop the communications, the ADC measurements
and any other processes (except when using the ADC for the calibration, refer to Step
6. below).
These processes normally use clock configurations that are different from those used
in the calibration process. Otherwise, errors might be introduced in the application:
errors while reading/sending frames, ADC reading errors since the sampling time has
changed, and so on.
4.
The internal RC oscillator calibration firmware uses the following peripherals: Reset
and Clock Control (for trimming internal RC oscillators), Timer 14 (for measuring
internal RC oscillators). Therefore, it is recommended to reconfigure these peripherals
(if used in the application) after running the calibration routine.
5.
Real-time calibration vs. temperature can be used when the ambient temperature
changes noticeably while the application is running. The internal temperature sensor
can be used with the ADC watchdog with two thresholds. Each time an ADC watchdog
interrupt occurs, a new calibration process has to be performed and the two thresholds
are updated according to the current temperature (this feature is not implemented in
the firmware provided with this application note):
Threshold_High = CurrentTemperatureValue + TemperatureOffset
Threshold_Low = CurrentTemperatureValue – TemperatureOffset
6.
It might happen that with change of operation conditions (e.g. surrounding
temperature) the calibration curve can change. From this reason it's recommended to
measure from time to time (or when the condition change) again to keep working with
correct values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com