Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4067 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 19Page - STMicroelectronics AN4067 Datasheet HTML 20Page - STMicroelectronics AN4067 Datasheet HTML 21Page - STMicroelectronics AN4067 Datasheet HTML 22Page - STMicroelectronics AN4067 Datasheet HTML 23Page - STMicroelectronics AN4067 Datasheet HTML 24Page - STMicroelectronics AN4067 Datasheet HTML 25Page - STMicroelectronics AN4067 Datasheet HTML 26Page - STMicroelectronics AN4067 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID022913 Rev 2
25/27
AN4067
Conclusion
26
6
Conclusion
Even if internal RC oscillators are factory-calibrated, the user should calibrate them in the
operating environment, when a high-accuracy clock is required in the application.
This application note provides two routines:
High-speed internal oscillator (HSI, HSI14 and HSI48) calibration: how to fine-tune
the oscillator to the typical value.
Low-speed internal oscillator measurement: how to get the “exact” LSI frequency
value.
Several frequency sources can be used to calibrate the internal RC oscillator (HSI): LSE
crystal, AC line, etc. Whatever the reference frequency source, the internal oscillator
calibration principle is the same: a reference signal must be provided to be measured by a
timer. The higher the accuracy of the reference signal frequency, the better the accuracy of
the internal oscillator frequency measurement. The error is computed as the absolute value
of the typical frequency value and the measured one for each trimming value. From this, the
calibration value is calculated and then programmed in the trimming bits.
The second section of this application note is about the measurement of LSI oscillator. The
internal connection between internal oscillators and embedded timers in the STM32F0xx
microcontroller family is used for this purpose. The timer is clocked using the system clock
source and configured in the Input capture mode. The captured time between two
consecutive rising edges of internal oscillator represents an entire period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com