Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 107 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 103Page - STMicroelectronics PM0214 Datasheet HTML 104Page - STMicroelectronics PM0214 Datasheet HTML 105Page - STMicroelectronics PM0214 Datasheet HTML 106Page - STMicroelectronics PM0214 Datasheet HTML 107Page - STMicroelectronics PM0214 Datasheet HTML 108Page - STMicroelectronics PM0214 Datasheet HTML 109Page - STMicroelectronics PM0214 Datasheet HTML 110Page - STMicroelectronics PM0214 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 245 page
background image
DocID022708 Rev 4
107/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.5.24
USUB16 and USUB8
Unsigned subtract 16 and Unsigned subtract 8
Syntax
op{cond}{Rd,} Rn, Rm
where:
•
op is any of:
USUB16: Unsigned Subtract 16.
USUB8: Unsigned Subtract 8.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rn’ is the register holding the operand
•
‘Rm’ is the second operand register
Operation
Use these instructions to subtract 16-bit and 8-bit data before writing the result to the
destination register:
The USUB16 instruction:
1.
Subtracts each halfword from the second operand register from the corresponding
halfword of the first operand register.
2.
Writes the unsigned result in the corresponding halfwords of the destination register.
The USUB8 instruction:
1.
Subtracts each byte of the second operand register from the corresponding byte of the
first operand register.
2.
Writes the unsigned byte result in the corresponding byte of the destination register.
Restrictions
Do not use SP or PC.
Condition flags
These instructions do not change the flags.
Examples
USUB16 R1, R0
; Subtracts halfwords in R0 from corresponding halfword of
; R1 and writes to corresponding halfword in R1
USUB8
R4, R0, R5 ; Subtracts bytes of R5 from corresponding byte in R0 and
; writes to the corresponding byte in R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com