Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 111 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 107Page - STMicroelectronics PM0214 Datasheet HTML 108Page - STMicroelectronics PM0214 Datasheet HTML 109Page - STMicroelectronics PM0214 Datasheet HTML 110Page - STMicroelectronics PM0214 Datasheet HTML 111Page - STMicroelectronics PM0214 Datasheet HTML 112Page - STMicroelectronics PM0214 Datasheet HTML 113Page - STMicroelectronics PM0214 Datasheet HTML 114Page - STMicroelectronics PM0214 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 245 page
background image
DocID022708 Rev 4
111/245
PM0214
The STM32 Cortex-M4 instruction set
244
UMLAL
R2, R1, R3, R5
; Multiplies R5 and R3, adds R1:R2, writes to R1:R2.
3.6.3
SMLA and SMLAW
Signed multiply accumulate (halfwords).
Syntax
op{XY}{cond} Rd, Rn, Rm
op{Y}{cond} Rd, Rn, Rm, Ra
where
•
op is one of:
SMLA: Signed multiply accumulate long (halfwords). X and Y specifies which half of the
source registers Rn and Rm are used as the first and second multiply operand.
–
If X is B, then the bottom halfword, bits [15:0], of Rn is used.
–
If X is T, then the top halfword, bits [31:16], of Rn is used.
–
If Y is B, then the bottom halfword, bits [15:0], of Rm is used.
–
If Y is T, then the top halfword, bits [31:16], of Rm is used.
SMLAW: Signed multiply accumulate (word by halfword). Y specifies which half of the
source register Rm is used as the second multiply operand.
–
If Y is T, then the top halfword, bits [31:16] of Rm is used.
–
If Y is B, then the bottom halfword, bits [15:0] of Rm is used.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register. If Rd is omitted, the destination register is Rn
•
‘Rn’, ‘Rm’ are registers holding the values to be multiplied
•
‘Ra’ is a register holding the value to be added to or subtracted from
Operation
The SMALBB, SMLABT, SMLATB, SMLATT instructions:
1.
Multiply the specified signed halfword, top or bottom, values from Rn and Rm.
2.
Add the value in Ra to the resulting 32-bit product.
3.
Write the result of the multiplication and addition in Rd.
4.
The non-specified halfwords of the source registers are ignored.
The SMLAWB and SMLAWT instructions:
1.
Multiply the 32-bit signed values in Rn with:
a)
The top signed halfword of Rm, T instruction suffix.
b)
The bottom signed halfword of Rm, B instruction suffix.
2.
Add the 32-bit signed value in Ra to the top 32 bits of the 48-bit product
3.
Write the result of the multiplication and addition in Rd.
4.
The bottom 16 bits of the 48-bit product are ignored.
5.
If overflow occurs during the addition of the accumulate value, the instruction sets the
Q flag in the APSR. No overflow can occur during the multiplication.
Restrictions
In these instructions, do not use SP or PC.
Condition flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com