Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 114 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 110Page - STMicroelectronics PM0214 Datasheet HTML 111Page - STMicroelectronics PM0214 Datasheet HTML 112Page - STMicroelectronics PM0214 Datasheet HTML 113Page - STMicroelectronics PM0214 Datasheet HTML 114Page - STMicroelectronics PM0214 Datasheet HTML 115Page - STMicroelectronics PM0214 Datasheet HTML 116Page - STMicroelectronics PM0214 Datasheet HTML 117Page - STMicroelectronics PM0214 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
114/245
DocID022708 Rev 4
3.6.5
SMLAL and SMLALD
Signed multiply accumulate long, signed multiply accumulate long (halfwords) and signed
multiply acculate long dual.
Syntax
op{cond} RdLo, RdHi, Rn, Rm
op{XY}{cond} RdLo, RdHi, Rn, Rm
op{X}{cond} RdLo, RdHi, Rn, Rm
where:
•
op is one of:
–
SMLAL: Signed multiply accumulate long
–
SMLAL: Signed multiply accumulate long (halfwords, X and Y). X and Y specify
which halfword of the source registers Rn and Rm are used as the first and
second multiply operand:
If X is B, then the bottom halfword, bits [15:0], of Rn is used.
If X is T, then the top halfword, bits [31:16], of Rn is used.
If Y is B, then the bottom halfword, bits [15:0], of Rm is used.
If Y is T, then the top halfword, bits [31:16], of Rm is used.
–
SMLALD: Signed multiply accumulate long Dual
–
SMLALDX: Signed multiply accumulate long dual reversed
If the X is omitted, the multiplications are bottom × bottom and top × top.
If X is present, the multiplications are bottom × top and top × bottom.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘RdHi, RdLo’ are the destination registers. RdLo is the lower 32 bits and RdHi is the
upper 32 bits of the 64-bit integer. For SMLAL, SMLALBB, SMLALBT, SMLALTB,
SMLALTT, SMLALD and SMLALDX, they also hold the accumulating value.
•
‘Rn’, ‘Rm’ are registers holding the first and second operands
Operation
The SMLAL instruction:
1.
Multiplies the two’s complement signed word values from Rn and Rm.
2.
Adds the 64-bit value in RdLo and RdHi to the resulting 64-bit product.
3.
Writes the 64-bit result of the multiplication and addition in RdLo and RdHi.
The SMLALBB, SMLALBT, SMLALTB and SMLALTT instructions:
1.
Multiplies the specified signed halfword, top or bottom, values from Rn and Rm.
2.
Adds the resulting sign-extended 32-bit product to the 64-bit value in RdLo and RdHi.
3.
Writes the 64-bit result of the multiplication and addition in RdLo and RdHi.
The non-specified halfwords of the source registers are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com