Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 133 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics PM0214 Datasheet HTML 131Page - STMicroelectronics PM0214 Datasheet HTML 132Page - STMicroelectronics PM0214 Datasheet HTML 133Page - STMicroelectronics PM0214 Datasheet HTML 134Page - STMicroelectronics PM0214 Datasheet HTML 135Page - STMicroelectronics PM0214 Datasheet HTML 136Page - STMicroelectronics PM0214 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 245 page
background image
DocID022708 Rev 4
133/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.8.1
PKHBT and PKHTB
Pack Halfword
Syntax
op{cond} {Rd}, Rn, Rm {, LSL #imm}
op{cond} {Rd}, Rn, Rm {, ASR #imm}
where:
•
op’ is one of:
PKHBT Pack Halfword, bottom and top with shift.
PKHTB Pack Halfword, top and bottom with shift.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn’ is the first operand register.
•
‘Rm’ is the second operand register holding the value to be optionally shifted.
•
‘imm’ is the shift length. The type of shift length depends on the instruction:
For PKHBT: LSL: a left shift with a shift length from 1 to 31, 0 means no shift.
For PKHTB: ASR: an arithmetic shift right with a shift length from 1 to 32,a shift of 32-
bits is encoded as 0b00000.
Operation
The PKHBT instruction:
1.
Writes the value of the bottom halfword of the first operand to the bottom halfword of
the destination register.
2.
If shifted, the shifted value of the second operand is written to the top halfword of the
destination register.
The PKHTB instruction:
1.
Writes the value of the top halfword of the first operand to the top halfword of the
destination register.
2.
If shifted, the shifted value of the second operand is written to the bottom halfword of
the destination register.
Restrictions
Rd must not be SP and must not be PC.
Condition flags
This instruction does not change the flags.
Examples
PKHBT
R3, R4, R5 LSL #0 ; Writes bottom halfword of R4 to bottom halfword
; of R3, writes top halfword of R5, unshifted, to top
; halfword of R3
PKHTB
R4, R0, R2 ASR #1 ; Writes R2 shifted right by 1 bit to bottom half
; word of R4, and writes top halfword of R0 to top
; halfword of R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com