Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 131 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics PM0214 Datasheet HTML 131Page - STMicroelectronics PM0214 Datasheet HTML 132Page - STMicroelectronics PM0214 Datasheet HTML 133Page - STMicroelectronics PM0214 Datasheet HTML 134Page - STMicroelectronics PM0214 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 245 page
background image
DocID022708 Rev 4
131/245
PM0214
The STM32 Cortex-M4 instruction set
244
; Adds bottom halfword of R4 to top halfword of R5
; saturates to 16 bits, writes to bottom halfword of R0.
3.7.7
UQADD and UQSUB
Saturating Add and Saturating Subtract Unsigned.
Syntax
op{cond} {Rd}, Rn, Rm
op{cond} {Rd}, Rn, Rm
where:
•
op’ is one of:
UQADD8 Saturating four unsigned 8-bit integer additions.
UQADD16 Saturating two unsigned 16-bit integer additions.
UDSUB8 Saturating four unsigned 8-bit integer subtractions.
UQSUB16 Saturating two unsigned 16-bit integer subtractions.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn, Rm’ are registers holding the first and second operands.
Operation
These instructions add or subtract two or four values and then writes an unsigned saturated
value in the destination register.
The UQADD16 instruction:
1.
Adds the respective top and bottom halfwords of the first and second operands.
2.
Saturates the result of the additions for each halfword in the destination register to the
unsigned range 0
≤x ≤216-1, where x is 16.
The UQADD8 instruction:
1.
Adds each respective byte of the first and second operands.
2.
Saturates the result of the addition for each byte in the destination register to the
unsigned range 0
≤x ≤28-1, where x is 8.
The UQSUB16 instruction:
1.
Subtracts both halfwords of the second operand from the respective halfwords of the
first operand.
2.
Saturates the result of the differences in the destination register to the unsigned range
0
≤x ≤216-1, where x is 16.
The UQSUB8 instructions:
1.
Subtracts the respective bytes of the second operand from the respective bytes of the
first operand.
2.
Saturates the results of the differences for each byte in the destination register to the
unsigned range 0
≤x ≤28-1, where x is 8.
Restrictions
Do not use SP and do not use PC.
Condition flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com