Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 127 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics PM0214 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 245 page
background image
DocID022708 Rev 4
127/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.7.3
QADD and QSUB
Saturating Add and Saturating Subtract, signed.
Syntax
op{cond} {Rd}, Rn, Rm
op{cond} {Rd}, Rn, Rm
where:
•
op’ is one of:
QADD: Saturating 32-bit add.
QADD8: Saturating four 8-bit integer additions.
QADD16: Saturating two 16-bit integer additions.
QSUB: Saturating 32-bit subtraction.
QSUB8: Saturating four 8-bit integer subtraction.
QSUB16: Saturating two 16-bit integer subtraction.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn, Rm’ are registers holding the first and second operands.
Operation
These instructions add or subtract two, four or eight values from the first and second
operands and then write a signed saturated value in the destination register.
The QADD and QSUB instructions apply the specified add or subtract, and then saturate the
result to the signed range -2n–1
≤x ≤2n–1-1, where x is given by the number of bits applied in
the instruction, 32, 16 or 8.
If the returned result is different from the value to be saturated, it is called saturation. If
saturation occurs, the QADD and QSUB instructions set the APSR Q flag to 1. Otherwise, Q
flag is unchanged. The 8-bit and 16-bit QADD and QSUB instructions always leave Q flag
unchanged.
To clear the Q flag to 0, you must use the MSR instruction, see MSR on page 174.
To read the state of the Q flag, use the MRS instruction, see MRS on page 173.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
If saturation occurs, these instructions set the Q flag to 1.
Examples
QADD16
R7, R4, R2 ; Adds halfwords of R4 with corresponding halfword of
; R2, saturates to 16 bits and writes to corresponding
; halfword of R7
QADD8
R3, R1, R6 ; Adds bytes of R1 to corresponding bytes of R6,saturates
; to 8 bits and writes to corresponding byte of R3
QSUB16
R4, R2, R3 ; Subtracts halfwords of R3 from corresponding halfword
; of R2, saturates to 16 bits, writes to corresponding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com