Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 126 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
126/245
DocID022708 Rev 4
3.7.2
SSAT16 and USAT16
Signed Saturate and Unsigned Saturate to any bit position for two halfwords.
Syntax
op{cond} Rd, #n, Rm
where:
•
op’ is one of:
SSAT16 Saturates a signed halfword value to a signed range.
USAT16 Saturates a signed halfword value to an unsigned range.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘n’ specifies the bit position to saturate to:
n ranges from 1 to 16 for SSAT.
n ranges from 0 to 15 for USAT.
•
‘Rm’ is the register containing the value to saturate.
Operation
The SSAT16 instruction:
1.
Saturates two signed 16-bit halfword values of the register with the value to saturate
from selected by the bit position in n.
2.
Writes the results as two signed 16-bit halfwords to the destination register.
The USAT16 instruction:
1.
Saturates two unsigned 16-bit halfword values of the register with the value to saturate
from selected by the bit position in n.
2.
Writes the results as two unsigned halfwords in the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
If saturation occurs, these instructions set the Q flag to 1.
Examples
SSAT16
R7, #9, R2
; Saturates the top and bottom highwords of R2
; as 9-bit values, writes to corresponding halfword
; of R7
USAT16NE
R0, #13, R5
; Conditionally saturates the top and bottom
; halfwords of R5 as 13-bit values, writes to
; corresponding halfword of R0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com