Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 122 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 118Page - STMicroelectronics PM0214 Datasheet HTML 119Page - STMicroelectronics PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
122/245
DocID022708 Rev 4
SMULTB
R0, R4, R5 ; Multiplies the top halfword of R4 with the bottom
; halfword of R5, multiplies results and writes to R0
SMULWT
R4, R5, R3 ; Multiplies R5 with the top halfword of R3,
; extracts top 32 bits and writes to R4
SMULWB
R4, R5, R3 ; Multiplies R5 with the bottom halfword of R3,
; extracts top 32 bits and writes to R4.
3.6.11
UMULL, UMLAL, SMULL, and SMLAL
Signed and Unsigned long multiply, with optional Accumulate, using 32-bit operands and
producing a 64-bit result.
Syntax
op{cond} RdLo, RdHi, Rn, Rm
where:
•
op’ is one of:
UMULL: Unsigned long multiply.
UMLAL: Unsigned long multiply, with accumulate.
SMULL: Signed long multiply.
SMLAL: Signed long multiply, with accumulate.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘RdHi, RdLo’ are the destination registers. For UMLAL and SMLAL they also hold the
accumulating value.
•
‘Rn’, ‘Rm’ are registers holding the operands
Operation
The UMULL instruction interprets the values from Rn and Rm as unsigned integers. It
multiplies these integers and places the least significant 32 bits of the result in RdLo, and
the most significant 32 bits of the result in RdHi.
The UMLAL instruction interprets the values from Rn and Rm as unsigned integers. It
multiplies these integers, adds the 64-bit result to the 64-bit unsigned integer contained in
RdHi and RdLo, and writes the result back to RdHi and RdLo.
The SMULL instruction interprets the values from Rn and Rm as two’s complement signed
integers. It multiplies these integers and places the least significant 32 bits of the result in
RdLo, and the most significant 32 bits of the result in RdHi.
The SMLAL instruction interprets the values from Rn and Rm as two’s complement signed
integers. It multiplies these integers, adds the 64-bit result to the 64-bit signed integer
contained in RdHi and RdLo, and writes the result back to RdHi and RdLo.
Restrictions
In these instructions:
•
Do not use SP or PC
•
RdHi and RdLo must be different registers.
Condition flags
These instructions do not affect the condition code flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com