Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 121 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 117Page - STMicroelectronics PM0214 Datasheet HTML 118Page - STMicroelectronics PM0214 Datasheet HTML 119Page - STMicroelectronics PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 245 page
background image
DocID022708 Rev 4
121/245
PM0214
The STM32 Cortex-M4 instruction set
244
; with top halfword of R3, writes to R3
SMUSDX
R4, R5, R3 ; Multiplies bottom halfword of R5 with top halfword of
; R3, subtracts multiplication of top halfword of R5
; with bottom halfword of R3, writes to R4.
3.6.10
SMUL and SMULW
Signed multiply (halfwords) and Signed multiply (word by halfword)
Syntax
op{XY}{cond} Rd, Rn, Rm
op{Y}{cond} Rd. Rn, Rm
•
op is one of:
SMUL{XY} Signed multiply (halfwords). X and Y specify which halfword of the source
registers Rn and Rm is used as the first and second multiply operand.
If X is B, then the bottom halfword, bits [15:0] of Rn is used.
If X is T, then the top halfword, bits [31:16] of Rn is used.
If Y is B, then the bottom halfword, bits [15:0], of Rm is used.
If Y is T, then the top halfword, bits [31:16], of Rm is used.
SMULW{Y} Signed multiply (word by halfword). Y specifies which halfword of the
source register Rm is used as the second multiply operand.
If Y is B, then the bottom halfword (bits [15:0]) of Rm is used.
If Y is T, then the top halfword (bits [31:16]) of Rm is used.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn’, ‘Rm’ are registers holding the first and second operands
Operation
The SMULBB, SMULTB, SMULBT and SMULTT instructions interprets the values from Rn
and Rm as four signed 16-bit integers. These instructions:
1.
Multiply the specified signed halfword, top or bottom, values from Rn and Rm.
2.
Write the 32-bit result of the multiplication in Rd.
The SMULWT and SMULWB instructions interprets the values from Rn as a 32-bit signed
integer and Rm as two halfword 16-bit signed integers. These instructions:
1.
Multiply the first operand and the top, T suffix, or the bottom, B suffix, halfword of the
second operand.
2.
Write the 32 signed most significant bits of the 48-bit result in the destination register.
Restrictions
Do not use SP and do not use PC.
Examples
SMULBT
R0, R4, R5 ; Multiplies the bottom halfword of R4 with the top
; halfword of R5, multiplies results and writes to R0
SMULBB
R0, R4, R5 ; Multiplies the bottom halfword of R4 with the bottom
; halfword of R5, multiplies results and writes to R0
SMULTT
R0, R4, R5 ; Multiplies the top halfword of R4 with the top
; halfword of R5, multiplies results and writes to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com