Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 125 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 245 page
background image
DocID022708 Rev 4
125/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.7.1
SSAT and USAT
Signed Saturate and Unsigned Saturate to any bit position, with optional shift before
saturating.
Syntax
op{cond} Rd, #n, Rm {, shift #s}
where:
•
op’ is one of:
SSAT: Saturates a signed value to a signed range.
USAT: Saturates a signed value to an unsigned range.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘n’ specifies the bit position to saturate to:
n ranges from 1 to 32 for SSAT
n ranges from 0 to 31 for USAT.
•
‘Rm’ is the register containing the value to saturate.
•
‘shift #s’ is an optional shift applied to Rm before saturating. It must be one of the
following:
ASR #s: where s is in the range 1 to 31
LSL #s: where s is in the range 0 to 31.
Operation
These instructions saturate to a signed or unsigned n-bit value.
The SSAT instruction applies the specified shift, then saturates to the signed range -2n–1
≤x
≤2n–1-1.
The USAT instruction applies the specified shift, then saturates to the unsigned range 0
≤x ≤
2n-1.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
If saturation occurs, these instructions set the Q flag to 1.
Examples
SSAT
R7, #16, R7, LSL #4
; Logical shift left value in R7 by 4, then
; saturate it as a signed 16-bit value and
; write it back to R7
USATNE
R0, #7, R5; Conditionally saturate value in R5 as an
; unsigned 7 bit value and write it to R0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com