Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 128 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 124Page - STMicroelectronics PM0214 Datasheet HTML 125Page - STMicroelectronics PM0214 Datasheet HTML 126Page - STMicroelectronics PM0214 Datasheet HTML 127Page - STMicroelectronics PM0214 Datasheet HTML 128Page - STMicroelectronics PM0214 Datasheet HTML 129Page - STMicroelectronics PM0214 Datasheet HTML 130Page - STMicroelectronics PM0214 Datasheet HTML 131Page - STMicroelectronics PM0214 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
128/245
DocID022708 Rev 4
; halfword of R4
QSUB8
R4, R2, R5 ; Subtracts bytes of R5 from the corresponding byte in R2
; saturates to 8 bits, writes to corresponding byte ofR4.
3.7.4
QASX and QSAX
Saturating Add and Subtract with Exchange and Saturating Subtract and Add with
Exchange, signed.
Syntax
op{cond} {Rd}, Rm, Rn
where:
•
op’ is one of:
QASX Add and Subtract with Exchange and Saturate.
QSAX Subtract and Add with Exchange and Saturate.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn, Rm’ are registers holding the first and second operands.
Operation
The QASX instruction:
1.
Adds the top halfword of the source operand with bottom halfword of second operand.
2.
Subtracts the top halfword of second operand from bottom highword of first operand.
3.
Saturates the result of the subtraction and writes a 16-bit signed integer in the range –
215
≤x ≤215 – 1, where x equals 16, to the bottom halfword of the destination register.
4.
Saturates the results of the sum and writes a 16-bit signed integer in the range
5.
–215
≤x ≤215 – 1, where x equals 16, to the top halfword of the destination register.
The QSAX instruction:
1.
Subtracts the bottom halfword of second operand from top highword of first operand.
2.
Adds the bottom halfword of source operand with top halfword of second operand.
3.
Saturates the results of the sum and writes a 16-bit signed integer in the range
4.
–215
≤x ≤215 – 1, where x equals 16, to the bottom halfword of the destination register.
5.
Saturates the result of the subtraction and writes a 16-bit signed integer in the range –
215
≤x ≤215 – 1, where x equals 16, to the top halfword of the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the condition code flags.
Examples
QASX
R7, R4, R2
; Adds top halfword of R4 to bottom halfword of R2,
; saturates to 16 bits, writes to top halfword of R7
; Subtracts top highword of R2 from bottom halfword of
; R4, saturates to 16 bits and writes to bottom halfword
; of R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com