Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 139 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 135Page - STMicroelectronics PM0214 Datasheet HTML 136Page - STMicroelectronics PM0214 Datasheet HTML 137Page - STMicroelectronics PM0214 Datasheet HTML 138Page - STMicroelectronics PM0214 Datasheet HTML 139Page - STMicroelectronics PM0214 Datasheet HTML 140Page - STMicroelectronics PM0214 Datasheet HTML 141Page - STMicroelectronics PM0214 Datasheet HTML 142Page - STMicroelectronics PM0214 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 245 page
background image
DocID022708 Rev 4
139/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.9.3
SXT and UXT
Sign extend and Zero extend.
Syntax
SXTextend{cond} {Rd,} Rm {, ROR #n}
UXTextend{cond} {Rd}, Rm {, ROR #n}
where:
•
‘extend’ is one of:
B: Extends an 8-bit value to a 32-bit value.
H: Extends a 16-bit value to a 32-bit value.
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Rd’ is the destination register.
•
‘Rm’ is the register holding the value to extend.
•
ROR #n is one of:
ROR #8: Value from Rm is rotated right 8 bits.
ROR #16: Value from Rm is rotated right 16 bits.
ROR #24: Value from Rm is rotated right 24 bits.
If ROR #n is omitted, no rotation is performed.
Operation
These instructions do the following:
1.
Rotate the value from Rm right by 0, 8, 16 or 24 bits.
2.
Extract bits from the resulting value:
–
SXTB extracts bits[7:0] and sign extends to 32 bits.
–
UXTB extracts bits[7:0] and zero extends to 32 bits.
–
SXTH extracts bits[15:0] and sign extends to 32 bits.
–
UXTH extracts bits[15:0] and zero extends to 32 bits.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the flags.
Examples
SXTH
R4, R6, ROR #16
; Rotate R6 right by 16 bits, then obtain the lower
; halfword of the result and then sign extend to
; 32 bits and write the result to R4.
UXTB
R3, R10
; Extract lowest byte of the value in R10 and zero
; extend it, and write the result to R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com