Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 143 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 139Page - STMicroelectronics PM0214 Datasheet HTML 140Page - STMicroelectronics PM0214 Datasheet HTML 141Page - STMicroelectronics PM0214 Datasheet HTML 142Page - STMicroelectronics PM0214 Datasheet HTML 143Page - STMicroelectronics PM0214 Datasheet HTML 144Page - STMicroelectronics PM0214 Datasheet HTML 145Page - STMicroelectronics PM0214 Datasheet HTML 146Page - STMicroelectronics PM0214 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 245 page
background image
DocID022708 Rev 4
143/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.9.6
CBZ and CBNZ
Compare and branch on zero, compare and branch on non-zero.
Syntax
CBZ Rn, label
CBNZ Rn, label
where:
•
‘Rn’ is the register holding the operand.
•
‘label’ is the branch destination.
Operation
Use the CBZ or CBNZ instructions to avoid changing the condition code flags and to reduce
the number of instructions.
CBZ Rn, label does not change condition flags but is otherwise equivalent to:
CMP
Rn, #0
BEQ
label
CBNZ Rn, label does not change condition flags but is otherwise equivalent to:
CMP
Rn, #0
BNE
label
Restrictions
The restrictions are:
•
Rn must be in the range of R0 to R7
•
The branch destination must be within 4 to 130 bytes after the instruction
•
These instructions must not be used inside an IT block.
Condition flags
These instructions do not change the flags.
Examples
CBZ
R5, target ; Forward branch if R5 is zero
CBNZ
R0, target ; Forward branch if R0 is not zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com