Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 157 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics PM0214 Datasheet HTML 157Page - STMicroelectronics PM0214 Datasheet HTML 158Page - STMicroelectronics PM0214 Datasheet HTML 159Page - STMicroelectronics PM0214 Datasheet HTML 160Page - STMicroelectronics PM0214 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 245 page
background image
DocID022708 Rev 4
157/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.10.11
VLDR
Loads a single extension register from memory
Syntax
VLDR{cond}{.64} Dd, [Rn{#imm}]
VLDR{cond}{.64} Dd, label
VLDR{cond}{.64} Dd, [PC, #imm}]
VLDR{cond}{.32} Sd, [Rn {, #imm}]
VLDR{cond}{.32} Sd, label
VLDR{cond}{.32} Sd, [PC, #imm]
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘64, 32 are the optional data size specifiers.
•
Dd is the destination register for a doubleword load.
•
Sd is the destination register for a singleword load.
•
Rn is the base register. The SP can be used.
•
imm is the + or - immediate offset used to form the address.
Permitted address values are multiples of 4 in the range 0 to 1020.
•
label is the label of the literal data item to be loaded.
Operation
This instruction loads a single extension register from memory, using a base address from
an ARM core register, with an optional offset.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com