Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 159 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics PM0214 Datasheet HTML 157Page - STMicroelectronics PM0214 Datasheet HTML 158Page - STMicroelectronics PM0214 Datasheet HTML 159Page - STMicroelectronics PM0214 Datasheet HTML 160Page - STMicroelectronics PM0214 Datasheet HTML 161Page - STMicroelectronics PM0214 Datasheet HTML 162Page - STMicroelectronics PM0214 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 245 page
background image
DocID022708 Rev 4
159/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.10.14
VMOV register
Copies the contents of one register to another.
Syntax
VMOV{cond}.F64 Dd, Dm
VMOV{cond}.F32 Sd, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Dd’ is the destination register, for a doubleword operation.
•
‘Dm’ is the source register, for a doubleword operation.
•
‘Sd’ is the destination register, for a singleword operation.
•
‘Sm’ is the source register, for a singleword operation.
Operation
This instruction copies the contents of one floating-point register to another.
Restrictions
There are no restrictions
Condition flags
These instructions do not change the flags.
3.10.15
VMOV scalar to ARM core register
Transfers one word of a doubleword floating-point register to an ARM core register.
Syntax
VMOV{cond} Rt, Dn[x]
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Rt’ is the destination ARM core register.
•
‘Dn’ is the 64-bit doubleword register.
•
‘x’ Specifies which half of the doubleword register to use:
If x is 0, use lower half, if x is 1, use upper half.
Operation
This instruction transfers one word from the upper or lower half of a doubleword floating-
point register to an ARM core register.
Restrictions
Rt cannot be PC or SP.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com