Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 162 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 158Page - STMicroelectronics PM0214 Datasheet HTML 159Page - STMicroelectronics PM0214 Datasheet HTML 160Page - STMicroelectronics PM0214 Datasheet HTML 161Page - STMicroelectronics PM0214 Datasheet HTML 162Page - STMicroelectronics PM0214 Datasheet HTML 163Page - STMicroelectronics PM0214 Datasheet HTML 164Page - STMicroelectronics PM0214 Datasheet HTML 165Page - STMicroelectronics PM0214 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
162/245
DocID022708 Rev 4
3.10.18
VMOV ARM Core register to scalar
Transfers one word to a floating-point register from an ARM core register.
Syntax
VMOV{cond}{.32} Dd[x], Rt
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
32 is an optional data size specifier.
•
Dd[x] is the destination, where [x] defines which half of the doubleword is transferred,
as follows:
If x is 0, the lower half is extracted
If x is 1, the upper half is extracted.
•
Rt is the source ARM core register.
Operation
This instruction transfers one word to the upper or lower half of a doubleword floating-point
register from an ARM core register.
Restrictions
Rt cannot be PC or SP.
Condition flags
These instructions do not change the flags.
3.10.19
VMRS
Move to ARM Core register from floating-point System Register.
Syntax
VMRS{cond} Rt, FPSCR
VMRS{cond} APSR_nzcv, FPSCR
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Rt’ is the destination ARM core register. This register can be R0-R14.
•
‘APSR_nzcv’ Transfer floating-point flags to the APSR flags.
Operation
This instruction performs one of the following actions:
1.
Copies the value of the FPSCR to a general-purpose register.
2.
Copies the value of the FPSCR flag bits to the APSR N, Z, C, and V flags.
Restrictions
Rt cannot be PC or SP.
Condition flags
These instructions optionally change the flags: N, Z, C, V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com