Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 166 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 162Page - STMicroelectronics PM0214 Datasheet HTML 163Page - STMicroelectronics PM0214 Datasheet HTML 164Page - STMicroelectronics PM0214 Datasheet HTML 165Page - STMicroelectronics PM0214 Datasheet HTML 166Page - STMicroelectronics PM0214 Datasheet HTML 167Page - STMicroelectronics PM0214 Datasheet HTML 168Page - STMicroelectronics PM0214 Datasheet HTML 169Page - STMicroelectronics PM0214 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
166/245
DocID022708 Rev 4
3.10.24
VPOP
Floating-point extension register Pop.
Syntax
VPOP{cond}{.size} list
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘size’ is an optional data size specifier. If present, it must be equal to the size in bits, 32
or 64, of the registers in list.
•
‘list’ is a list of extension registers to be loaded, as a list of consecutively numbered
doubleword or singleword registers, separated by commas and surrounded by
brackets.
Operation
This instruction loads multiple consecutive extension registers from the stack.
Restrictions
The list must contain at least one register, and not more than sixteen registers.
Condition flags
These instructions do not change the flags.
3.10.25
VPUSH
Floating-point extension register Push.
Syntax
VPUSH{cond}{.size} list
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘size’ is an optional data size specifier. If present, it must be equal to the size in bits, 32
or 64, of the registers in list.
•
‘list’ is a list of the extension registers to be stored, as a list of consecutively numbered
doubleword or singleword registers, separated by commas and surrounded by
brackets.
Operation
This instruction stores multiple consecutive extension registers to the stack.
Restrictions
The restrictions are list must contain at least one register, and not more than sixteen.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com