Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 170 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 166Page - STMicroelectronics PM0214 Datasheet HTML 167Page - STMicroelectronics PM0214 Datasheet HTML 168Page - STMicroelectronics PM0214 Datasheet HTML 169Page - STMicroelectronics PM0214 Datasheet HTML 170Page - STMicroelectronics PM0214 Datasheet HTML 171Page - STMicroelectronics PM0214 Datasheet HTML 172Page - STMicroelectronics PM0214 Datasheet HTML 173Page - STMicroelectronics PM0214 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
170/245
DocID022708 Rev 4
3.11
Miscellaneous instructions
Table 36 shows the remaining Cortex-M4 instructions:
3.11.1
BKPT
Breakpoint.
Syntax
BKPT #imm
where:
•
‘imm’ is an expression evaluating to an integer in the range 0-255 (8-bit value).
Operation
The BKPT instruction causes the processor to enter Debug state. Debug tools can use this
to investigate system state when the instruction at a particular address is reached.
imm is ignored by the processor. If required, a debugger can use it to store additional
information about the breakpoint.
The BKPT instruction can be placed inside an IT block, but it executes unconditionally,
unaffected by the condition specified by the IT instruction.
Condition flags
This instruction does not change the flags.
Table 36. Miscellaneous instructions
Mnemonic
Brief description
See
BKPT
Breakpoint
BKPT on page 170
CPSID
Change Processor State, Disable Interrupts
CPS on page 171
CPSIE
Change Processor State, Enable Interrupts
CPS on page 171
DMB
Data Memory Barrier
DMB on page 172
DSB
Data Synchronization Barrier
DSB on page 172
ISB
Instruction Synchronization Barrier
ISB on page 173
MRS
Move from special register to register
MRS on page 173
MSR
Move from register to special register
MSR on page 174
NOP
No Operation
NOP on page 175
SEV
Send Event
SEV on page 175
SVC
Supervisor Call
SVC on page 176
WFE
Wait For Event
WFE on page 176
WFI
Wait For Interrupt
WFI on page 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com