Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 171 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 167Page - STMicroelectronics PM0214 Datasheet HTML 168Page - STMicroelectronics PM0214 Datasheet HTML 169Page - STMicroelectronics PM0214 Datasheet HTML 170Page - STMicroelectronics PM0214 Datasheet HTML 171Page - STMicroelectronics PM0214 Datasheet HTML 172Page - STMicroelectronics PM0214 Datasheet HTML 173Page - STMicroelectronics PM0214 Datasheet HTML 174Page - STMicroelectronics PM0214 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 245 page
background image
DocID022708 Rev 4
171/245
PM0214
The STM32 Cortex-M4 instruction set
244
Examples
BKPT 0xAB
; Breakpoint with immediate value set to 0xAB (debugger can
; extract the immediate value by locating it using the PC)
3.11.2
CPS
Change processor state.
Syntax
CPSeffect iflags
where:
•
‘effect’ is one of:
IE: Clears the special purpose register.
ID: Sets the special purpose register.
•
‘iflags’ is a sequence of one or more flags:
i: Set or clear PRIMASK.
f: Set or clear FAULTMASK.
Operation
CPS changes the PRIMASK and FAULTMASK special register values. See Exception mask
registers on page 22 for more information about these registers.
Restrictions
The restrictions are:
•
Use CPS only from privileged software, it has no effect if used in unprivileged software
•
CPS cannot be conditional and so must not be used inside an IT block.
Condition flags
This instruction does not change the condition flags.
Examples
CPSID i
; Disable interrupts and configurable fault handlers (set PRIMASK)
CPSID f
; Disable interrupts and all fault handlers (set FAULTMASK)
CPSIE i
; Enable interrupts and configurable fault handlers(clear PRIMASK)
CPSIE f
; Enable interrupts and fault handlers (clear FAULTMASK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com