Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 168 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 164Page - STMicroelectronics PM0214 Datasheet HTML 165Page - STMicroelectronics PM0214 Datasheet HTML 166Page - STMicroelectronics PM0214 Datasheet HTML 167Page - STMicroelectronics PM0214 Datasheet HTML 168Page - STMicroelectronics PM0214 Datasheet HTML 169Page - STMicroelectronics PM0214 Datasheet HTML 170Page - STMicroelectronics PM0214 Datasheet HTML 171Page - STMicroelectronics PM0214 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
168/245
DocID022708 Rev 4
The restrictions are:
•
list must contain at least one register.
•
If it contains doubleword registers it must not contain more than 16 registers.
•
Use of the PC as Rn is deprecated.
Condition flags
These instructions do not change the flags.
3.10.28
VSTR
Floating-point Store.
Syntax
VSTR{cond}{.32} Sd, [Rn{, #imm}]
VSTR{cond}{.64} Dd, [Rn{, #imm}]
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘32, 64’ are the optional data size specifiers.
•
‘Sd’ is the source register for a singleword store.
•
‘Dd’ is the source register for a doubleword store.
•
‘Rn’ is the base register. The SP can be used.
•
‘imm’ is the + or - immediate offset used to form the address. Values are multiples of 4
in the range 0-1020. imm can be omitted, meaning an offset of +0.
Operation
This instruction stores a single extension register to memory, using an address from an
ARM core register, with an optional offset, defined in imm.
Restrictions
The restrictions are the use of PC for Rn is deprecated.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com