Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 167 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 163Page - STMicroelectronics PM0214 Datasheet HTML 164Page - STMicroelectronics PM0214 Datasheet HTML 165Page - STMicroelectronics PM0214 Datasheet HTML 166Page - STMicroelectronics PM0214 Datasheet HTML 167Page - STMicroelectronics PM0214 Datasheet HTML 168Page - STMicroelectronics PM0214 Datasheet HTML 169Page - STMicroelectronics PM0214 Datasheet HTML 170Page - STMicroelectronics PM0214 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 245 page
background image
DocID022708 Rev 4
167/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.10.26
VSQRT
Floating-point Square Root.
Syntax
VSQRT{cond}.F32 Sd, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination floating-point value
•
‘Sm’ is the operand floating-point value.
Operation
This instruction:
1.
Calculates the square root of the value in a floating-point register.
2.
Writes the result to another floating-point register.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.
3.10.27
VSTM
Floating-point Store Multiple.
Syntax
VSTM{mode}{cond}{.size} Rn{!}, list
where:
•
‘mode’ is the addressing mode:
IA Increment After. The consecutive addresses start at the address specified in Rn.
This is the default and can be omitted.
DB Decrement Before. The consecutive addresses end just before the address
specified in Rn.
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘size’ is an optional data size specifier. If present, it must be equal to the size in bits, 32
or 64, of the registers in list.
•
‘Rn’ is the base register. The SP can be used.
•
‘!’ is the function that causes the instruction to write a modified value back to Rn.
Required if mode == DB.
•
‘list’ is a list of the extension registers to be stored, as a list of consecutively numbered
doubleword or singleword registers, separated by commas and surrounded by
brackets.
Operation
This instruction stores multiple extension registers to consecutive memory locations using a
base address from an ARM core register.
Restrictions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com